Part Number Hot Search : 
UNR31 TBB1004 109388 2SD23 4HC17 BZX85C27 M54HC691 PT150S8
Product Description
Full Text Search
 

To Download SB20100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB20100
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 100V CURRENT: 20.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
TO-220AC
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=133 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Operating Junction and Storage Temperature Ramge
Note: 1.Thermal Resistance from Junction to Case
SB20100 100 70 100 20 150 0.80 50 6.0 2.0 -65 to +150
units V V V A A V A mA C/W C
Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg
Ta =25 C Ta =110 C (Note 1)
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB20100
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB20100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X